Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 269 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 269 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 265Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 267Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 268Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 269Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 271Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 272Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 273Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 332 page
background image
Chapter 13
Clock Control
251
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Normal state, a minimum of one instruction is executed prior to
re-entering the Stop Grant state.
If INIT, INTR (if interrupts are enabled), FLUSH#, NMI, or
SMI# are sampled asserted in the Stop Grant state, the
processor latches the edge-sensitive signals (INIT, FLUSH#,
NMI, and SMI#), but otherwise does not exit the Stop Grant
state to service the interrupt. When the processor returns to the
Normal state due to sampling STPCLK# negated, any pending
interrupts are recognized after returning to the Normal state.
To ensure their recognition, all of the normal requirements for
these input signals apply within the Stop Grant state.
If RESET is sampled asserted in the Stop Grant state, the
processor immediately returns to the Normal state and the
reset process begins.
13.4
Stop Grant Inquire State
Enter Stop Grant
Inquire State
The Stop Grant Inquire state is entered from the Stop Grant
state or the Halt state when EADS# is sampled asserted during
an inquire cycle initiated by the system logic. The AMD-K6-2E
processor responds to an inquire cycle in the same manner as in
the Normal state by driving HIT# and HITM#. If the inquire
cycle hits a modified data cache line, the processor performs a
writeback cycle.
Exit Stop Grant
Inquire State
Following the completion of any writeback, the processor
returns to the state from which it entered the Stop Grant
Inquire state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com