Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 273 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 273 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 269Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 271Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 272Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 273Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 274Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 275Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 276Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 277Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 332 page
background image
Chapter 14
Electrical Data
255
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
14.2
Absolute Ratings
The AMD-K6-2E processor is not designed to be operated
beyond the operating ranges listed in Table 49. Exposure to
conditions outside these operating ranges for extended periods
of time can affect long-term reliability. Permanent damage can
occur if the absolute ratings listed in Table 50 are exceeded.
Note: If the AMD-K6-2E processor shows a “7” after the date code,
refer to the numbers in the last (rightmost) column of Table
50. The AMD-K6®-2 Revision Guide (order #21641)
available on AMD’s web site contains package marking
details, including the location of the date code

Table 50. Absolute Ratings
Parameter
Minimum
Maximum for OPN
Suffixes: 233AFR,
233AMZ, 266AFR,
266AMZ, 300AFR1
Notes:
1. The data in this column applies to OPN suffixes 233AFR, 233AMZ, 266AFR, 266AMZ, and
300AFR, provided that the processor is
not marked with “7” following the date code (i.e., is
blank).
Maximum for All OPNs2
2. The data in this column applies to all OPNs listed in Table 73, “Valid Ordering Part Number
Combinations,” on page 306 (including 233AFR, 233AMZ, 266AFR, 266AMZ, and 300AFR
when the processor is marked with a “7” following the date code).
VCC2
–0.5 V
2.6 V
2.4 V
VCC3
–0.5 V
3.6 V
3.6 V
VPIN
3
3. VPIN (the voltage on any I/O pin) must not be greater than 0.5 V above the voltage being
applied to VCC3. In addition, the VPIN voltage must never exceed 4.0 V.
–0.5 V
VCC3 + 0.5 V and < 4.0 V
VCC3 + 0.5 V and < 4.0 V
TCASE (under bias)
–65
•C
+110
•C
+110
•C
TSTORAGE
–65
•C
+150
•C
+150
•C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com