Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 286 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 286 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 282Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 283Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 284Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 285Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 286Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 287Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 288Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 289Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 290Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 332 page
background image
268
Signal Switching Characteristics
Chapter 15
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
15.2
Clock Switching Characteristics for 100-MHz Bus Operation
15.3
Clock Switching Characteristics for 66-MHz Bus Operation
Table 56. CLK Switching Characteristics for 100-MHz Bus Operation
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
Frequency
33.3 MHz
100 MHz
–
In Normal Mode
t1
CLK Period
10.0 ns
–
89
In Normal Mode
t2
CLK High Time
3.0 ns
–
89
–
t3
CLK Low Time
3.0 ns
–
89
–
t4
CLK Fall Time
0.15 ns
1.5 ns
89
–
t5
CLK Rise Time
0.15 ns
1.5 ns
89
–
CLK Period Stability
–
– 250 ps
–
Note
Notes:
The jitter frequency power spectrum peaking must occur at frequencies greater than (Frequency of CLK)/3 or less than 500 kHz.
Table 57. CLK Switching Characteristics for 66-MHz Bus Operation
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
Frequency
33.3 MHz
66.6 MHz
In Normal Mode
t1
CLK Period
15.0 ns
30.0 ns
89
In Normal Mode
t2
CLK High Time
4.0 ns
89
t3
CLK Low Time
4.0 ns
89
t4
CLK Fall Time
0.15 ns
1.5 ns
89
t5
CLK Rise Time
0.15 ns
1.5 ns
89
CLK Period Stability
– 250 ps
Note
Notes:
The jitter frequency power spectrum peaking must occur at frequencies greater than (Frequency of CLK)/3 or less than 500 KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com