Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 282 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 282 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 278Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 279Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 280Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 281Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 282Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 283Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 284Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 285Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 286Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 332 page
background image
264
Electrical Data
Chapter 14
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Pin Connection
Requirements
For proper operation, the following requirements for signal pin
connections must be met:
s
Do not drive address and data signals into large capacitive
loads at high frequencies. If necessary, use buffer chips to
drive large capacitive loads.
s
Leave all NC (no-connect) pins unconnected.
s
Unused
inputs
should
always
be
connected
to
an
appropriate signal level.
•
Active Low inputs that are not being used should be
connected to VCC3 through a 20-kW pullup resistor.
•
Active High inputs that are not being used should be
connected to GND through a pulldown resistor.
s
Reserved signals can be treated in one of the following ways:
•
As no-connect (NC) pins, in which case these pins are left
unconnected
•
As pins connected to the system logic as defined by the
industry-standard Socket 7 and Super7 interfaces
•
Any combination of NC and Socket 7 pins
s
Keep trace lengths to a minimum.
14.7
I/O Buffer Characteristics
All of the AMD-K6-2 E process o r inputs , outputs, and
bidirectional buffers are implemented using a 3.3 V buffer
design. AMD has developed a model that represents the
characteristics of the actual I/O buffer to allow system
designers to perform analog simulations of AMD-K6-2E
processor signals that interface with the system logic. Analog
simulations are used to determine a signal’s time of flight from
source to destination and to ensure that the system’s signal
quality requirements are met. Signal quality measurements
include overshoot, undershoot, slope reversal, and ringing.
I/O Buffer Model
AMD provides a model of the AMD-K6-2E processor I/O buffer
for system designers to use in board-level simulations. This I/O
buf f er m o del conform s to the I/O Buffe r In forma t ion
Specification (IBIS). The I/O model contains voltage versus
current (V/I) and voltage versus time (V/T) data tables for
accurate modeling of I/O buffer behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com