Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 297 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 297 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 293Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 294Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 295Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 296Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 297Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 298Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 299Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 300Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 301Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 332 page
background image
Chapter 15
Signal Switching Characteristics
279
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 63. RESET and Configuration Signals for 66-MHz Bus Operation
Symbol
Parameter Description
Preliminary Data
Figure
Min
Max
t90
RESET Setup Time
5.0 ns
94
t91
RESET Hold Time
1.0 ns
94
t92
RESET Pulse Width, VCC and CLK Stable
15 clocks
94
t93
RESET Active After VCC and CLK Stable
1.0 ms
94
t94
1
Notes:
1. BF[2:0] must meet a minimum setup time of 1.0 ms and a minimum hold time of two clocks relative to the negation of RESET.
BF[2:0] Setup Time
1.0 ms
94
t95
1
BF[2:0] Hold Time
2 clocks
94
t96
intentionally left blank
t97
intentionally left blank
t98
intentionally left blank
t99
2
2. To be sampled on a specific clock edge, setup and hold times must be met the clock edge before the clock edge on which RESET
is sampled negated.
FLUSH# Setup Time
5.0 ns
94
t100
2
FLUSH# Hold Time
1.0 ns
94
t101
3
3. If asserted asynchronously, these signals must meet a minimum setup and hold time of two clocks relative to the negation of
RESET.
FLUSH# Setup Time
2 clocks
94
t102
3
FLUSH# Hold Time
2 clocks
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com