Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 298 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 298 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 294Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 295Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 296Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 297Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 298Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 299Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 300Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 301Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 302Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 332 page
background image
280
Signal Switching Characteristics
Chapter 15
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Table 64. TCK Waveform and TRST# Timing at 25 MHz
Symbol
Parameter Description
Preliminary Data
Figure
Min
Max
TCK Frequency
25 MHz
95
t103
TCK Period
40.0 ns
95
t104
TCK High Time
14.0 ns
95
t105
TCK Low Time
14.0 ns
95
t106
1,2
Notes:
1. Rise/Fall times can be increased by 1.0 ns for each 10 MHz that TCK is run below its maximum frequency of 25 MHz.
2. Rise/Fall times are measured between 0.8 V and 2.0 V.
TCK Fall Time
5.0 ns
95
t107
1,2
TCK Rise Time
5.0 ns
95
t108
3
3. Asynchronous.
TRST# Pulse Width
30.0 ns
96
Table 65. Test Signal Timing at 25 MHz
Symbol
Parameter Description
Preliminary Data
Figure
Min
Max
t109
1
Notes:
1. Parameter is measured from the TCK rising edge.
TDI Setup Time
5.0 ns
97
t110
1
TDI Hold Time
9.0 ns
97
t111
1
TMS Setup Time
5.0 ns
97
t112
1
TMS Hold Time
9.0 ns
97
t113
2
2. Parameter is measured from the TCK falling edge.
TDO Valid Delay
3.0 ns
13.0 ns
97
t114
2
TDO Float Delay
16.0 ns
97
t115
2
All Outputs (Non-Test) Valid Delay
3.0 ns
13.0 ns
97
t116
2
All Outputs (Non-Test) Float Delay
16.0 ns
97
t117
1
All Inputs (Non-Test) Setup Time
5.0 ns
97
t118
1
All Inputs (Non-Test) Hold Time
9.0 ns
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com