Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 319 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 319 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 315Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 316Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 317Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 318Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 319Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 320Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 321Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 322Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 323Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 332 page
background image
Chapter 17
Pin Designation Diagrams
301
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
17.1
Pin Designations by Functional Grouping
Pin Name
Pin Number
Pin Name
Pin Number
Pin Name
Pin Number
Pin Name
Pin Number
Control
Address
Data
Data
A20M#
AK-08
A3
AL-35
D0
K-34
D52
E-03
ADS#
AJ-05
A4
AM-34
D1
G-35
D53
G-05
ADSC#
AM-02
A5
AK-32
D2
J-35
D54
E-01
AHOLD
V-04
A6
AN-33
D3
G-33
D55
G-03
APCHK#
AE-05
A7
AL-33
D4
F-36
D56
H-04
BE0#
AL-09
A8
AM-32
D5
F-34
D57
J-03
BE1#
AK-10
A9
AK-30
D6
E-35
D58
J-05
BE2#
AL-11
A10
AN-31
D7
E-33
D59
K-04
BE3#
AK-12
A11
AL-31
D8
D-34
D60
L-05
BE4#
AL-13
A12
AL-29
D9
C-37
D61
L-03
BE5#
AK-14
A13
AK-28
D10
C-35
D62
M-04
BE6#
AL-15
A14
AL-27
D11
B-36
D63
N-03
BE7#
AK-16
A15
AK-26
D12
D-32
Test
BF0
Y-33
A16
AL-25
D13
B-34
TCK
M-34
BF1
X-34
A17
AK-24
D14
C-33
TDI
N-35
BF2
W-35
A18
AL-23
D15
A-35
TDO
N-33
BOFF#
Z-04
A19
AK-22
D16
B-32
TMS
P-34
BRDY#
X-04
A20
AL-21
D17
C-31
TRST#
Q-33
BRDYC#
Y-03
A21
AF-34
D18
A-33
Parity
BREQ
AJ-01
A22
AH-36
D19
D-28
AP
AK-02
CACHE#
U-03
A23
AE-33
D20
B-30
DP0
D-36
CLK
AK-18
A24
AG-35
D21
C-29
DP1
D-30
D/C#
AK-04
A25
AJ-35
D22
A-31
DP2
C-25
EADS#
AM-04
A26
AH-34
D23
D-26
DP3
D-18
EWBE#
W-03
A27
AG-33
D24
C-27
DP4
C-07
FERR#
Q-05
A28
AK-36
D25
C-23
DP5
F-06
FLUSH#
AN-07
A29
AK-34
D26
D-24
DP6
F-02
HIT#
AK-06
A30
AM-36
D27
C-21
DP7
N-05
HITM#
AL-05
A31
AJ-33
D28
D-22
HLDA
AJ-03
D29
C-19
HOLD
AB-04
D30
D-20
IGNNE#
AA-35
D31
C-17
INIT
AA-33
D32
C-15
INTR
AD-34
D33
D-16
INV
U-05
D34
C-13
KEN#
W-05
D35
D-14
LOCK#
AH-04
D36
C-11
M/IO#
T-04
D37
D-12
NA#
Y-05
D38
C-09
NMI
AC-33
D39
D-10
PCD
AG-05
D40
D-08
PCHK#
AF-04
D41
A-05
PWT
AL-03
D42
E-09
RESET
AK-20
D43
B-04
SCYC
AL-17
D44
D-06
SMI#
AB-34
D45
C-05
SMIACT#
AG-03
D46
E-07
STPCLK#
V-34
D47
C-03
VCC2DET
AL-01
D48
D-04
VCC2H/L#
AN-05
D49
E-05
W/R#
AM-06
D50
D-02
WB/WT#
AA-05
D51
F-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com