Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 315 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 315 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 311Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 312Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 313Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 314Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 315Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 316Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 317Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 318Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 319Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 332 page
background image
Chapter 16
Thermal Design
297
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 112 shows the airflow management in a system using the
ATX form-factor. The orientation of the power supply fan and
the motherboard are modified in the ATX platform design. The
power supply fan pulls cool air through the chassis and across
the processor. The processor is located near the power supply
fan, where it can receive adequate airflow without an auxiliary
fan. The arrangement significantly improves the airflow across
the processor with minimum installation cost.
Figure 112. Airflow Path in an ATX Form-Factor System
For more information about thermal design considerations, see
the AMD-K6® Processor Thermal Solution Design Application
Note, order #21085.
P/S
Main Board
Drive Bays
F
a
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com