| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMD-K6-2E/400AMZ Datasheet(PDF) 103 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/400AMZ Datasheet(HTML) 103 Page - Advanced Micro Devices |
|
103 / 332 page ![]() Chapter 5 Signal Descriptions 85 22529B/0—January 2000 AMD-K6™-2E Processor Data Sheet Preliminary Information 5 Signal Descriptions This chapter includes a detailed description of each signal supported on the AMD-K6-2E processor. This chapter also provides tables listing the signals grouped by type, beginning on page 130. The logic symbol diagram on page 83 shows the signals grouped by function. Connection diagrams and pins listed by high-level function are included in Chapter 17, “Pin Designation Diagrams” on page 299. 5.1 Signal Terminology The following terminology is used in this chapter: s Driven—The processor actively pulls the signal up to the High-voltage state or pulls the signal down to the Low-voltage state. s Floated—The the signal is not being driven by the processor (high-impedance state), which allows another device to drive this signal. s Asserted—For all active-High signals, the term asserted means the signal is in the High-voltage state. For all active-Low signals, the term asserted means the signal is in the Low-voltage state. s Negated—For all active-High signals, the term negated means the signal is in the Low-voltage state. For all active-Low signals, the term negated means the signal is in the High-voltage state. s Sampled—The processor has measured the state of a signal at predefined points in time and will take the appropriate action based on the state of the signal. If a signal is not sampled by the processor, its assertion or negation has no effect on the operation of the processor. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |