Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 364 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 360Page - Renesas Technology Corp H8S/2472 Datasheet HTML 361Page - Renesas Technology Corp H8S/2472 Datasheet HTML 362Page - Renesas Technology Corp H8S/2472 Datasheet HTML 363Page - Renesas Technology Corp H8S/2472 Datasheet HTML 364Page - Renesas Technology Corp H8S/2472 Datasheet HTML 365Page - Renesas Technology Corp H8S/2472 Datasheet HTML 366Page - Renesas Technology Corp H8S/2472 Datasheet HTML 367Page - Renesas Technology Corp H8S/2472 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 316 of 1198
REJ09B0403-0200
(2) Port 8 Data Register (P8DR)
P8DR stores output data for the port 8 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P87DR
0
R/W
6
P86DR
0
R/W
5
P85DR
0
R/W
4
P84DR
0
R/W
3
P83DR
0
R/W
2
P82DR
0
R/W
1
P81DR
0
R/W
0
P80DR
0
R/W
P8DR stores output data for the port 8 pins that are
used as the general output port.
If this register is read, the P8DR values are read for
the bits with the corresponding P8DDR bits set to 1.
For the bits with the corresponding P8DDR bits
cleared to 0, the pin states are read.
(3) Pin Functions
The relationship between register setting values and pin functions are as follows.
• P87/ExIRQ15/TxD3/ADTRG
The pin function is switched as shown below according to the combination of the TE bit in
SCR of SCI_3, the SMIF bit in SCMR, and the P87DDR bit.
When the TRGS1 and EXTRGS bits are both set to 1 and the TRGS0 bit is cleared to 0 in
ADCR of the A/D converter, this pin can be used as the
ADTRG input pin.
When the ISS15 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ15 input pin. To
use this pin as the
ExIRQ15 input pin, clear the P87DDR bit to 0.
P87DDR
0
1
SMIF
0
1
0
1
0
TE
0
X
0
X
1
P87 input pin
Pin function
ExIRQ15 input pin/
ADTRG input pin
P87 output pin
TxD3 output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com