Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 361 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 357Page - Renesas Technology Corp H8S/2472 Datasheet HTML 358Page - Renesas Technology Corp H8S/2472 Datasheet HTML 359Page - Renesas Technology Corp H8S/2472 Datasheet HTML 360Page - Renesas Technology Corp H8S/2472 Datasheet HTML 361Page - Renesas Technology Corp H8S/2472 Datasheet HTML 362Page - Renesas Technology Corp H8S/2472 Datasheet HTML 363Page - Renesas Technology Corp H8S/2472 Datasheet HTML 364Page - Renesas Technology Corp H8S/2472 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 313 of 1198
REJ09B0403-0200
• P74/AN4
The pin function is switched as shown below according to the combination of the SCANE bit
in ADCR and the CH2 to CH0 bits in ADCSR of the A/D converter. Do not set these bits to
other values than those shown in the following table.
SCANE
0
1
CH2 to CH0
B'100
Other than B'100
B'100 to B'111
B'000 to B'011
Pin function
AN4 input pin
P74 input pin
AN4 input pin
P74 input pin
• P73/AN3
The pin function is switched as shown below according to the combination of the SCANE and
SCANE bits in ADCR and the CH2 to CH0 bits in ADCSR of the A/D converter. Do not set
these bits to other values than those shown in the following table.
SCANE
0
1
SCANS
X
0
1
CH2 to CH0
B'011
Other than
B'011
B'011
Other than
B'011
B'011 to B'111 B'000 to B'010
Pin function
AN3 input pin
P73 input pin
AN3 input pin
P73 input pin
AN3 input pin
P73 input pin
[Legend] X: Don't care.
• P72/AN2
The pin function is switched as shown below according to the combination of the SCANE and
SCANE bits in ADCR and the CH2 to CH0 bits in ADCSR of the A/D converter. Do not set
these bits to other values than those shown in the following table.
SCANE
0
1
SCANS
X
0
1
CH2 to CH0
B'010
Other than
B'010
B'010 to B'011
Other than
B'010 to B'011
B'010 to B'111
B'000 to
B'001
Pin function
AN2 input pin P72 input pin AN2 input pin
P72 input pin
AN2 input pin
P72 input pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com