Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 393 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 389Page - Renesas Technology Corp H8S/2472 Datasheet HTML 390Page - Renesas Technology Corp H8S/2472 Datasheet HTML 391Page - Renesas Technology Corp H8S/2472 Datasheet HTML 392Page - Renesas Technology Corp H8S/2472 Datasheet HTML 393Page - Renesas Technology Corp H8S/2472 Datasheet HTML 394Page - Renesas Technology Corp H8S/2472 Datasheet HTML 395Page - Renesas Technology Corp H8S/2472 Datasheet HTML 396Page - Renesas Technology Corp H8S/2472 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 345 of 1198
REJ09B0403-0200
(4) Pin Functions
Port D pins can also function as the LPC input/output and IIC_5 input/output pins. The
relationship between register setting values and pin functions are as follows.
The LPC is disabled when all of the bits LPC1E, LPC2E, and LPC3E in HICR0 and SCIFE in
HICR5 are cleared to 0.
• PD7/SDA5
The pin function is switched as shown below according to the combination of the ICE bit in
ICCR of the IIC_5 and the PD7DDR bit.
ICE
0
1
PD7DDR
0
1
X
Pin function
PD7 input pin
PD7 output pin
SDA5 input/output pin
[Legend]
X: Don't care.
• PD6/SCL5
The pin function is switched as shown below according to the combination of the ICE bit in
ICCR of the IIC_5 and the PD6DDR bit.
ICE
0
1
PD6DDR
0
1
X
Pin function
PD6 input pin
PD6 output pin
SCL5 input/output pin
[Legend]
X: Don't care.
• PD5/LPCPD
The pin function is switched as shown below according to the PD5DDR bit. This pin can be
used as the
LPCPD input pin when the LPC is enabled.
LPC
Disabled
Enabled
PD5DDR
0
1
0
Pin function
PD5 input pin
PD5 output pin
LPCPD input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com