Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 397 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 393Page - Renesas Technology Corp H8S/2472 Datasheet HTML 394Page - Renesas Technology Corp H8S/2472 Datasheet HTML 395Page - Renesas Technology Corp H8S/2472 Datasheet HTML 396Page - Renesas Technology Corp H8S/2472 Datasheet HTML 397Page - Renesas Technology Corp H8S/2472 Datasheet HTML 398Page - Renesas Technology Corp H8S/2472 Datasheet HTML 399Page - Renesas Technology Corp H8S/2472 Datasheet HTML 400Page - Renesas Technology Corp H8S/2472 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 349 of 1198
REJ09B0403-0200
(2) Port E Output Data Register (PEODR)
PEODR stores output data for the port E pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PE7ODR
0
R/W
6
PE6ODR
0
R/W
5
PE5ODR
0
R/W
4
PE4ODR
0
R/W
3
PE3ODR
0
R/W
2
PE2ODR
0
R/W
1
PE1ODR
0
R/W
0
PE0ODR
0
R/W
The PEODR register stores the output data for the
pins that are used as the general output port.
(3) Port E Input Data Register (PEPIN)
PEPIN indicates the pin states of port E.
Bit
Bit Name
Initial Value
R/W
Description
7
PE7PIN
Undefined*
R
6
PE6PIN
Undefined*
R
5
PE5PIN
Undefined*
R
4
PE4PIN
Undefined*
R
3
PE3PIN
Undefined*
R
2
PE2PIN
Undefined*
R
1
PE1PIN
Undefined*
R
0
PE0PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PEDDR, writing to this register writes data to PEDDR
and the port E setting is changed.
Note:
The initial value of these pins is determined in accordance with the state of pins PE7 to
PE0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com