Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 425 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 421Page - Renesas Technology Corp H8S/2472 Datasheet HTML 422Page - Renesas Technology Corp H8S/2472 Datasheet HTML 423Page - Renesas Technology Corp H8S/2472 Datasheet HTML 424Page - Renesas Technology Corp H8S/2472 Datasheet HTML 425Page - Renesas Technology Corp H8S/2472 Datasheet HTML 426Page - Renesas Technology Corp H8S/2472 Datasheet HTML 427Page - Renesas Technology Corp H8S/2472 Datasheet HTML 428Page - Renesas Technology Corp H8S/2472 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 377 of 1198
REJ09B0403-0200
10.2
Register Descriptions
The FRT has the following registers.
• Free-running counter (FRC)
• Output compare register A (OCRA)
• Output compare register B (OCRB)
• Output compare register AR (OCRAR)
• Output compare register AF (OCRAF)
• Timer interrupt enable register (TIER)
• Timer control/status register (TCSR)
• Timer control register (TCR)
• Timer output compare control register (TOCR)
Note:
OCRA and OCRB share the same address. Register selection is controlled by the OCRS
bit in TOCR.
10.2.1
Free-Running Counter (FRC)
FRC is a 16-bit readable/writable up-counter. The clock source is selected by bits CKS1 and
CKS0 in TCR. FRC can be cleared by compare-match A. When FRC overflows from H'FFFF to
H'0000, the overflow flag bit (OVF) in TCSR is set to 1. FRC should always be accessed in 16-bit
units; cannot be accessed in 8-bit units. FRC is initialized to H'0000.
10.2.2
Output Compare Registers A and B (OCRA and OCRB)
The FRT has two output compare registers, OCRA and OCRB, each of which is a 16-bit
readable/writable register whose contents are continually compared with the value in FRC. When
a match is detected (compare-match), the corresponding output compare flag (OCFA or OCFB) is
set to 1 in TCSR. OCR should always be accessed in 16-bit units; cannot be accessed in 8-bit
units. OCR is initialized to H'FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com