Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 423 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 419Page - Renesas Technology Corp H8S/2472 Datasheet HTML 420Page - Renesas Technology Corp H8S/2472 Datasheet HTML 421Page - Renesas Technology Corp H8S/2472 Datasheet HTML 422Page - Renesas Technology Corp H8S/2472 Datasheet HTML 423Page - Renesas Technology Corp H8S/2472 Datasheet HTML 424Page - Renesas Technology Corp H8S/2472 Datasheet HTML 425Page - Renesas Technology Corp H8S/2472 Datasheet HTML 426Page - Renesas Technology Corp H8S/2472 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 375 of 1198
REJ09B0403-0200
Section 10 16-Bit Free-Running Timer (FRT)
This LSI has a 16-bit free-running timer (FRT).
10.1
Features
• Selection of four clock sources
 One of the three internal clocks (φ/2, φ/8, or φ/32) can be selected.
• Two independent comparators
• Counter clearing
 The free-running counters can be cleared on compare-match A.
• Three independent interrupts
 Two compare-match interrupts and one overflow interrupt can be requested independently.
• Special functions provided by automatic addition function
 The contents of OCRAR and OCRAF can be added to the contents of OCRA
automatically, enabling a periodic waveform to be generated without software intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com