Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 438 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 434Page - Renesas Technology Corp H8S/2472 Datasheet HTML 435Page - Renesas Technology Corp H8S/2472 Datasheet HTML 436Page - Renesas Technology Corp H8S/2472 Datasheet HTML 437Page - Renesas Technology Corp H8S/2472 Datasheet HTML 438Page - Renesas Technology Corp H8S/2472 Datasheet HTML 439Page - Renesas Technology Corp H8S/2472 Datasheet HTML 440Page - Renesas Technology Corp H8S/2472 Datasheet HTML 441Page - Renesas Technology Corp H8S/2472 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 390 of 1198
REJ09B0403-0200
φ
Address
OCRAR (OCRAF)
address
Internal write signal
Compare-match signal
FRC
Automatic addition is not performed
because compare-match signals are disabled.
Disabled
OCR
N
N
N+1
OCRAR (OCRAF)
Old data
New data
Figure 10.11 Conflict between OCR Write and Compare-Match
(When Automatic Addition Function is Used)
10.5.4
Switching of Internal Clock and FRC Operation
When the internal clock is changed, the changeover may source FRC to increment. This depends
on the time at which the clock is switched (bits CKS1 and CKS0 are rewritten), as shown in table
10.2.
When an internal clock is used, the FRC clock is generated on detection of the falling edge of the
internal clock scaled from the system clock (
φ). If the clock is changed when the old source is high
and the new source is low, as in case no. 3 in table 10.2, the changeover is regarded as a falling
edge that triggers the FRC clock, and FRC is incremented. Switching between an internal clock
and external clock can also source FRC to increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com