Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 434 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 430Page - Renesas Technology Corp H8S/2472 Datasheet HTML 431Page - Renesas Technology Corp H8S/2472 Datasheet HTML 432Page - Renesas Technology Corp H8S/2472 Datasheet HTML 433Page - Renesas Technology Corp H8S/2472 Datasheet HTML 434Page - Renesas Technology Corp H8S/2472 Datasheet HTML 435Page - Renesas Technology Corp H8S/2472 Datasheet HTML 436Page - Renesas Technology Corp H8S/2472 Datasheet HTML 437Page - Renesas Technology Corp H8S/2472 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 1250 page
background image
Section 10 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Aug. 20, 2008 Page 386 of 1198
REJ09B0403-0200
10.3.6
Automatic Addition Timing
When the OCRAMS bit in TOCR is set to 1, the contents of OCRAR and OCRAF are
automatically added to OCRA alternately, and when an OCRA compare-match occurs, a write to
OCRA is performed. Figure 10.7 shows the OCRA write timing.
Compare-match
signal
OCRAR, OCRAF
A
OCRA
N
N + A
FRC
N
N +1
φ
Figure 10.7 OCRA Automatic Addition Timing
10.4
Interrupt Sources
The free-running timer can request three interrupts: OCIA, OCIB, and FOVI. Each interrupt can
be enabled or disabled by an enable bit in TIER. Independent signals are sent to the interrupt
controller for each interrupt. Table 10.1 lists the sources and priorities of these interrupts.
The OCIA and OCIB interrupts can be used as the on-chip DTC activation sources.
Table 10.1
FRT Interrupt Sources
Interrupt
Interrupt Source
Interrupt Flag
DTC Activation
Priority
OCIA
Compare match of OCRA
OCFA
Possible
High
OCIB
Compare match of OCRB
OCFB
Possible
FOVI
Overflow of FRC
OVF
Not possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com