Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 467 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 463Page - Renesas Technology Corp H8S/2472 Datasheet HTML 464Page - Renesas Technology Corp H8S/2472 Datasheet HTML 465Page - Renesas Technology Corp H8S/2472 Datasheet HTML 466Page - Renesas Technology Corp H8S/2472 Datasheet HTML 467Page - Renesas Technology Corp H8S/2472 Datasheet HTML 468Page - Renesas Technology Corp H8S/2472 Datasheet HTML 469Page - Renesas Technology Corp H8S/2472 Datasheet HTML 470Page - Renesas Technology Corp H8S/2472 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1250 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 2.00 Aug. 20, 2008 Page 419 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
2 to 0
CKS2 to
CKS0
All 0
R/W
Clock Select 2 to 0
Select the clock source to be input to TCNT. The overflow
period for
φ = 34 MHz is enclosed in parentheses.
000:
φ/2 (period: 15.1 µs)
001:
φ/64 (period: 481.9 µs)
010:
φ/128 (period: 963.8 µs)
011:
φ/512 (period: 3.856 ms)
100:
φ/2048 (period: 15.42 ms)
101:
φ/8192 (period: 61.68 ms)
110:
φ/32768 (period: 246.7 ms)
111:
φ/131072 (period: 986.9 ms)
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com