Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 470 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 466Page - Renesas Technology Corp H8S/2472 Datasheet HTML 467Page - Renesas Technology Corp H8S/2472 Datasheet HTML 468Page - Renesas Technology Corp H8S/2472 Datasheet HTML 469Page - Renesas Technology Corp H8S/2472 Datasheet HTML 470Page - Renesas Technology Corp H8S/2472 Datasheet HTML 471Page - Renesas Technology Corp H8S/2472 Datasheet HTML 472Page - Renesas Technology Corp H8S/2472 Datasheet HTML 473Page - Renesas Technology Corp H8S/2472 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 1250 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 2.00 Aug. 20, 2008 Page 422 of 1198
REJ09B0403-0200
12.4
Operation
12.4.1
Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
IT bit and the TME bit in TCSR to 1. While the
WDT is used as a watchdog timer, if TCNT overflows without being rewritten because of a
system malfunction or another error, an internal reset or NMI interrupt request is generated. TCNT
does not overflow while the system is operating normally. Software must prevent TCNT
overflows by rewriting the TCNT value (normally be writing H'00) before overflows occurs.
If the RST/
NMI bit of TCSR is set to 1, when the TCNT overflows, an internal reset signal for this
LSI is issued for 518 system clocks, and the low level signal is simultaneously output from the
RESO pin for 132 states, as shown in figure 12.2. If the RST/NMI bit is cleared to 0, when the
TCNT overflows, an NMI interrupt request is generated. Here, the output from the
RESO pin
remains high.
An internal reset request from the watchdog timer and a reset input from the
RES pin are
processed in the same vector. Reset source can be identified by the XRST bit status in SYSCR.
If a reset caused by a signal input to the
RES pin occurs at the same time as a reset caused by a
WDT overflow, the
RES pin reset has priority and the XRST bit in SYSCR is set to 1.
An NMI interrupt request from the watchdog timer and an interrupt request from the NMI pin are
processed in the same vector. Do not handle an NMI interrupt request from the watchdog timer
and an interrupt request from the NMI pin at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com