Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 525 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 521Page - Renesas Technology Corp H8S/2472 Datasheet HTML 522Page - Renesas Technology Corp H8S/2472 Datasheet HTML 523Page - Renesas Technology Corp H8S/2472 Datasheet HTML 524Page - Renesas Technology Corp H8S/2472 Datasheet HTML 525Page - Renesas Technology Corp H8S/2472 Datasheet HTML 526Page - Renesas Technology Corp H8S/2472 Datasheet HTML 527Page - Renesas Technology Corp H8S/2472 Datasheet HTML 528Page - Renesas Technology Corp H8S/2472 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 477 of 1198
REJ09B0403-0200
13.7
Smart Card Interface Description
The SCI supports the IC card (smart card) interface based on the ISO/IEC 7816-3 (Identification
Card) standard as an enhanced serial communication interface function. Smart card interface mode
can be selected using the appropriate register.
13.7.1
Sample Connection
Figure 13.21 shows a sample connection between the smart card and this LSI. This LSI
communicates with the IC card using a single transmission line. When the SMIF bit in SCMR is
set to 1, the TxD and RxD pins are interconnected inside the LSI, which makes the RxD pin
function as an I/O pin. Pull up the data transmission line to Vcc using a resistor. Setting the RE
and TE bits in SCR to 1 with the IC card not connected enables closed transmission/reception
allowing self diagnosis. To supply the IC card with the clock pulses generated by the SCI, input
the SCK pin output to the CLK pin of the IC card. A reset signal can be supplied via the output
port of this LSI.
TxD
RxD
This LSI
VCC
I/O
Main unit of the device
to be connected
IC card
Data line
CLK
RST
SCK
Rx (port)
Clock line
Reset line
Figure 13.21 Pin Connection for Smart Card Interface
13.7.2
Data Format (Except in Block Transfer Mode)
Figure 13.22 shows the data transfer formats in smart card interface mode.
• One frame contains 8-bit data and a parity bit in asynchronous mode.
• During transmission, at least 2 etu (elementary time unit: time required for transferring one bit)
is secured as a guard time after the end of the parity bit before the start of the next frame.
• If a parity error is detected during reception, a low error signal is output for 1 etu after 10.5 etu
has passed from the start bit.
• If an error signal is sampled during transmission, the same data is automatically re-transmitted
after two or more etu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com