Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 526 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 522Page - Renesas Technology Corp H8S/2472 Datasheet HTML 523Page - Renesas Technology Corp H8S/2472 Datasheet HTML 524Page - Renesas Technology Corp H8S/2472 Datasheet HTML 525Page - Renesas Technology Corp H8S/2472 Datasheet HTML 526Page - Renesas Technology Corp H8S/2472 Datasheet HTML 527Page - Renesas Technology Corp H8S/2472 Datasheet HTML 528Page - Renesas Technology Corp H8S/2472 Datasheet HTML 529Page - Renesas Technology Corp H8S/2472 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 478 of 1198
REJ09B0403-0200
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
In normal transmission/reception
Output from the transmitting station
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
When a parity error is generated
Output from the transmitting station
DE
Output from
the receiving station
[Legend]
Ds:
Start bit
D0 to D7: Data bits
Dp:
Parity bit
DE:
Error signal
Figure 13.22 Data Formats in Normal Smart Card Interface Mode
For communication with the IC cards of the direct convention and inverse convention types,
follow the procedure below.
Ds
AZ
Z
A
Z
Z
Z
ZA
A
(Z)
(Z) state
D0
D1
D2
D3
D4
D5
D6
D7
Dp
Figure 13.23 Direct Convention (SDIR = SINV = O/
E = 0)
For the direct convention type, logic levels 1 and 0 correspond to states Z and A, respectively, and
data is transferred with LSB-first as the start character, as shown in figure 13.23. Therefore, data
in the start character in the figure is H'3B. When using the direct convention type, write 0 to both
the SDIR and SINV bits in SCMR. Write 0 to the O/
E bit in SMR in order to use even parity,
which is prescribed by the smart card standard.
Ds
AZ
Z
A
A
A
Z
AA
A
(Z)
(Z) state
D7
D6
D5
D4
D3
D2
D1
D0
Dp
Figure 13.24 Inverse Convention (SDIR = SINV = O/
E = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com