Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 122 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 118Page - Renesas Technology Corp H8S/2472 Datasheet HTML 119Page - Renesas Technology Corp H8S/2472 Datasheet HTML 120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 121Page - Renesas Technology Corp H8S/2472 Datasheet HTML 122Page - Renesas Technology Corp H8S/2472 Datasheet HTML 123Page - Renesas Technology Corp H8S/2472 Datasheet HTML 124Page - Renesas Technology Corp H8S/2472 Datasheet HTML 125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 1250 page
background image
Section 4 Exception Handling
Rev. 2.00 Aug. 20, 2008 Page 74 of 1198
REJ09B0403-0200
4.3
Reset
A reset has the highest exception priority. When the
RES pin goes low, all processing halts and
this LSI enters the reset. To ensure that this LSI is reset, hold the
RES pin low for at least 20 ms at
power-on. To reset the chip during operation, hold the
RES pin low for at least 20 states. A reset
initializes the internal state of the CPU and the registers of on-chip peripheral modules. The chip
can also be reset by overflow of the watchdog timer. For details, see section 12, Watchdog Timer
(WDT).
4.3.1
Reset Exception Handling
When the
RES pin goes high after being held low for the necessary time, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized
and the I bit in CCR is set to 1.
2. The reset exception handling vector address is read and transferred to the PC, and program
execution starts from the address indicated by the PC.
Figure 4.1 shows an example of the reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com