Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 124 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 120Page - Renesas Technology Corp H8S/2472 Datasheet HTML 121Page - Renesas Technology Corp H8S/2472 Datasheet HTML 122Page - Renesas Technology Corp H8S/2472 Datasheet HTML 123Page - Renesas Technology Corp H8S/2472 Datasheet HTML 124Page - Renesas Technology Corp H8S/2472 Datasheet HTML 125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1250 page
background image
Section 4 Exception Handling
Rev. 2.00 Aug. 20, 2008 Page 76 of 1198
REJ09B0403-0200
4.4
Interrupt Exception Handling
Interrupts are controlled by the interrupt controller. The sources to start interrupt exception
handling are external interrupt sources (NMI and IRQ15 to IRQ0) and internal interrupt sources
from the on-chip peripheral modules. NMI is an interrupt with the highest priority. For details, see
section 5, Interrupt Controller.
Interrupt exception handling is conducted as follows:
1. The values in the program counter (PC) and condition code register (CCR) are saved to the
stack.
2. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution begins from that address.
4.5
Trap Instruction Exception Handling
Trap instruction exception handling starts when a TRAPA instruction is executed. Trap instruction
exception handling can be executed at all times in the program execution state.
Trap instruction exception handling is conducted as follows:
1. The values in the program counter (PC) and condition code register (CCR) are saved to the
stack.
2. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution starts from that address.
The TRAPA instruction fetches a start address from a vector table entry corresponding to a vector
number from 0 to 3, as specified in the instruction code.
Table 4.3 shows the status of CCR after execution of trap instruction exception handling.
Table 4.3
Status of CCR after Trap Instruction Exception Handling
CCR
Interrupt Control Mode
I
UI
0
Set to 1
Retains value prior to
execution
1
Set to 1
Set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com