Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 181 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 177Page - Renesas Technology Corp H8S/2472 Datasheet HTML 178Page - Renesas Technology Corp H8S/2472 Datasheet HTML 179Page - Renesas Technology Corp H8S/2472 Datasheet HTML 180Page - Renesas Technology Corp H8S/2472 Datasheet HTML 181Page - Renesas Technology Corp H8S/2472 Datasheet HTML 182Page - Renesas Technology Corp H8S/2472 Datasheet HTML 183Page - Renesas Technology Corp H8S/2472 Datasheet HTML 184Page - Renesas Technology Corp H8S/2472 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 133 of 1198
REJ09B0403-0200
(3)
16-Bit, 2-State Access Space
Figures 6.7 to 6.9 show bus timings for a 16-bit, 2-state access space. When a 16-bit access space
is accessed, the upper half (D15 to D8) of the data bus is used for even addresses, and the lower
half (D7 to D0) for odd addresses. Wait states cannot be inserted.
Bus cycle
T
1
T
2
Address bus
φ
AS (IOSE = 0)
RD
D15 to D8
Valid
D7 to D0
Invalid
Read
HWR
LWR
D15 to D8
Valid
D7 to D0
Undefined
Write
High level
IOS (IOSE = 1)
CS256 (CS256E = 1)
*
Note: * For external address space access, this signal is not output when the 256-Kbyte extended area
is accessed with CS256E = 1.
Figure 6.7 Bus Timing for 16-Bit, 2-State Access Space (Even Byte Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com