Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 177 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 174Page - Renesas Technology Corp H8S/2472 Datasheet HTML 175Page - Renesas Technology Corp H8S/2472 Datasheet HTML 176Page - Renesas Technology Corp H8S/2472 Datasheet HTML 177Page - Renesas Technology Corp H8S/2472 Datasheet HTML 178Page - Renesas Technology Corp H8S/2472 Datasheet HTML 179Page - Renesas Technology Corp H8S/2472 Datasheet HTML 180Page - Renesas Technology Corp H8S/2472 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 129 of 1198
REJ09B0403-0200
6.5.2
Valid Strobes
Table 6.13 shows the data buses used and valid strobes for each access space.
In a read, the
RD signal is valid for both the upper and lower halves of the data bus. In a write, the
HWR signal is valid for the upper half of the data bus, and the LWR signal for the lower half.
Table 6.13
Data Buses Used and Valid Strobes
Area
Access
Size
Read/
Write
Address
Valid
Strobe
Upper Data Bus
(D15 to D8/
AD15 to AD8)
Lower Data
Bus (D7 to
D0/AD7 to
AD0)
Byte
Read
RD
Valid
Ports or others
8-bit access
space
Write
HWR
Byte
Read
RD
Ports or others
Valid
8-bit access
space
(in address-
data multiplex
extended
mode)
Write
HWR
Byte
Read
Even
RD
Valid
Invalid
Odd
Invalid
Valid
Write
Even
HWR
Valid
Undefined
Odd
LWR
Undefined
Valid
Word
Read
RD
Valid
Valid
16-bit access
space
Write
HWR, LWR
[Legend]
Undefined:
Undefined data is output.
Invalid:
Input state with the input value ignored.
Ports or others:
Used as ports or I/O pins for on-chip peripheral modules, and are not used as the
data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com