Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 237 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 235Page - Renesas Technology Corp H8S/2472 Datasheet HTML 236Page - Renesas Technology Corp H8S/2472 Datasheet HTML 237Page - Renesas Technology Corp H8S/2472 Datasheet HTML 238Page - Renesas Technology Corp H8S/2472 Datasheet HTML 239Page - Renesas Technology Corp H8S/2472 Datasheet HTML 240Page - Renesas Technology Corp H8S/2472 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 189 of 1198
REJ09B0403-0200
Section 8 I/O Ports
8.1
I/O Ports for the H8S/2472 Group
Table 8.1 is a summary of the port functions. The pins of each port also function as input/output
pins of peripheral modules and interrupt input pins. Each input/output port includes a data
direction register (DDR) that controls input/output and a data register (DR) that stores output data.
DDR and DR are not provided for input-only ports.
Pins of ports 1 to 4, 6, and A and pins D0 to D5 of port D have built-in input pull-up MOSs. For
port A pins and D0 to D5 pins, the on/off status of the input pull-up MOS is controlled by their
respective DDR and the output data register (ODR). Ports 1 to 4, and 6 have an input pull-up MOS
control register (PCR), in addition to DDR and DR, to control the on/off status of the input pull-up
MOSs.
Port 3 pins and pins 47 to 44 and B3 to B0 have built-in de-bouncers (DBn) that eliminate noises
in the input signals.
Ports 4 and F are designed for retain state outputs (RSn), which retain the output values on the
pins even if a reset is generated when the watchdog timer has overflowed.
Ports 1 to 6, and 8 to E can drive a single TTL load and 30 pF capacitive load. All the I/O ports
can drive a Darlington transistor in output mode. Port pins 80 to 83, C0 to C5, D6, and D7 are
NMOS push-pull output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com