Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 236 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 235Page - Renesas Technology Corp H8S/2472 Datasheet HTML 236Page - Renesas Technology Corp H8S/2472 Datasheet HTML 237Page - Renesas Technology Corp H8S/2472 Datasheet HTML 238Page - Renesas Technology Corp H8S/2472 Datasheet HTML 239Page - Renesas Technology Corp H8S/2472 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 188 of 1198
REJ09B0403-0200
7.9
Usage Notes
7.9.1
Module Stop Mode Setting
DTC operation can be enabled or disabled by the module stop control register (MSTPCR). In the
initial state, DTC operation is enabled. Access to DTC registers is disabled when module stop
mode is set. Note that when the DTC is being activated, module stop mode cannot be specified.
For details, refer to section 28, Power-Down Modes.
7.9.2
On-Chip RAM
MRA, MRB, SAR, DAR, CRA, and CRB are all located in on-chip RAM. When the DTC is used,
the RAME bit in SYSCR should not be cleared to 0.
7.9.3
DTCE Bit Setting
For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR, for reading and
writing. Multiple DTC activation sources can be set at one time (only at the initial setting) by
masking all interrupts and writing data after executing a dummy read on the relevant register.
7.9.4
DTC Activation by Interrupt Sources of SCI, IIC, or A/D Converter
Interrupt sources of the SCI, IIC, or A/D converter which activate the DTC are cleared when DTC
reads from or writes to the respective registers, and they cannot be cleared by the DISEL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com