Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 251 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 247Page - Renesas Technology Corp H8S/2472 Datasheet HTML 248Page - Renesas Technology Corp H8S/2472 Datasheet HTML 249Page - Renesas Technology Corp H8S/2472 Datasheet HTML 250Page - Renesas Technology Corp H8S/2472 Datasheet HTML 251Page - Renesas Technology Corp H8S/2472 Datasheet HTML 252Page - Renesas Technology Corp H8S/2472 Datasheet HTML 253Page - Renesas Technology Corp H8S/2472 Datasheet HTML 254Page - Renesas Technology Corp H8S/2472 Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 203 of 1198
REJ09B0403-0200
(2) Port 3 Data Register (P3DR)
P3DR stores output data for the port 3 pins.
Bit
Bit Name
Initial Value
R/W Description
7
P37DR
0
R/W
6
P36DR
0
R/W
5
P35DR
0
R/W
4
P34DR
0
R/W
3
P33DR
0
R/W
2
P32DR
0
R/W
1
P31DR
0
R/W
0
P30DR
0
R/W
• Normal extended mode (ADMXE = 0)
Since the port 3 pins function as bidirectional data
bus pins, the value of this register has no effect on
operation.
If this register is read, the P3DR values are read for
the bits with the corresponding P3DDR bits set to 1.
For the bits with the corresponding P3DDR bits
cleared to 0, 1 is read.
• Other modes
P3DR stores output data for the port 3 pins that are
used as the general output port.
If this register is read, the P3DR values are read for
the bits with the corresponding P3DDR bits set to 1.
For the bits with the corresponding P3DDR bits
cleared to 0, the pin states are read.
(3) Port 3 Pull-Up MOS Control Register (P3PCR)
P3PCR controls the port 3 built-in input pull-up MOSs.
Bit
Bit Name
Initial Value
R/W Description
7
P37PCR
0
R/W
6
P36PCR
0
R/W
5
P35PCR
0
R/W
4
P34PCR
0
R/W
3
P33PCR
0
R/W
2
P32PCR
0
R/W
1
P31PCR
0
R/W
0
P30PCR
0
R/W
• Normal extended mode (ADMXE = 0)
This register has no effect on operation.
• Other modes
When the pins are in the input state, the
corresponding input pull-up MOS is turned on when
a P3PCR bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com