Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 252 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 248Page - Renesas Technology Corp H8S/2472 Datasheet HTML 249Page - Renesas Technology Corp H8S/2472 Datasheet HTML 250Page - Renesas Technology Corp H8S/2472 Datasheet HTML 251Page - Renesas Technology Corp H8S/2472 Datasheet HTML 252Page - Renesas Technology Corp H8S/2472 Datasheet HTML 253Page - Renesas Technology Corp H8S/2472 Datasheet HTML 254Page - Renesas Technology Corp H8S/2472 Datasheet HTML 255Page - Renesas Technology Corp H8S/2472 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 204 of 1198
REJ09B0403-0200
(4) Noise Canceler Enable Register (P3NCE)
P3NCE enables or disables the noise canceler circuit at port 3.
Bit
Bit Name
Initial Value
R/W Description
7
P37NCE
0
R/W
6
P36NCE
0
R/W
5
P35NCE
0
R/W
4
P34NCE
0
R/W
3
P33NCE
0
R/W
2
P32NCE
0
R/W
1
P31NCE
0
R/W
0
P30NCE
0
R/W
• Normal extended mode (ADMXE = 0)
The pins function as bidirectional data bus pins. Set
this register to 0.
• Other modes
Enables the noise canceler circuit for the
corresponding pin and the pin state is fetched into
P3DR at the sampling cycle set by NCCS.
The operation changes according to the other
control bits.
(5) Noise Canceler Mode Control Register (P3NCMC)
When the noise canceler is enabled, P3NCMC controls whether 1 or 0 is expected for the input
signal to port 3 in bit units.
Bit
Bit Name
Initial Value
R/W Description
7
P37NCMC
1
R/W
6
P36NCMC
1
R/W
5
P35NCMC
1
R/W
4
P34NCMC
1
R/W
3
P33NCMC
1
R/W
2
P32NCMC
1
R/W
1
P31NCMC
1
R/W
0
P30NCMC
1
R/W
• Normal extended mode (ADMXE = 0)
This register has no effect on operation.
• Other modes
1 expected: 1 is stored in the port data register
while 1 is input stably.
0 expected: 0 is stored in the port data register
while 0 is input stably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com