Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 298 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 294Page - Renesas Technology Corp H8S/2472 Datasheet HTML 295Page - Renesas Technology Corp H8S/2472 Datasheet HTML 296Page - Renesas Technology Corp H8S/2472 Datasheet HTML 297Page - Renesas Technology Corp H8S/2472 Datasheet HTML 298Page - Renesas Technology Corp H8S/2472 Datasheet HTML 299Page - Renesas Technology Corp H8S/2472 Datasheet HTML 300Page - Renesas Technology Corp H8S/2472 Datasheet HTML 301Page - Renesas Technology Corp H8S/2472 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 250 of 1198
REJ09B0403-0200
(4) Noise Canceler Enable Register (P4BNCE)
P4BNCE enables or disables the noise canceler circuits of port 4 and port B pins in bit units.
Bit
Bit Name
Initial Value
R/W Description
7 to 4 P47NCE to
P44NCE
All 0
R/W Bits for port 4 setting
3
PB3NCE
0
R/W
2
PB2NCE
0
R/W
1
PB1NCE
0
R/W
0
PB0NCE
0
R/W
Enables the noise canceler circuit for the corresponding
pin and the pin state is fetched into PBDR at the
sampling cycle set by NCCS.
The operation changes according to the other control
bits. See section 8.1.11 (7), Pin Functions, for details.
(5) Noise Canceler Mode Control Register (P4BNCMC)
P4BNCMC controls whether 1 or 0 is expected for the input signal to port 4 and port B in bit
units.
Bit
Bit Name
Initial Value
R/W Description
7 to 4 P47NCMC
to
P44NCMC
All 1
R/W Bits for port 4 setting
3
PB3NCMC
1
R/W
2
PB2NCMC
1
R/W
1
PB1NCMC
1
R/W
0
PB0NCMC
1
R/W
Expected value setting
1 expected: 1 is stored in the port data register while 1
is input stably.
0 expected: 0 is stored in the port data register while 0
is input stably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com