Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 301 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 297Page - Renesas Technology Corp H8S/2472 Datasheet HTML 298Page - Renesas Technology Corp H8S/2472 Datasheet HTML 299Page - Renesas Technology Corp H8S/2472 Datasheet HTML 300Page - Renesas Technology Corp H8S/2472 Datasheet HTML 301Page - Renesas Technology Corp H8S/2472 Datasheet HTML 302Page - Renesas Technology Corp H8S/2472 Datasheet HTML 303Page - Renesas Technology Corp H8S/2472 Datasheet HTML 304Page - Renesas Technology Corp H8S/2472 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 253 of 1198
REJ09B0403-0200
(7) Pin Functions
• PB7/EVENT15/RM_RX-ER, PB6/EVENT14/RM_CRS-DV, PB5/EVENT13/RM_REF-CLK
PB4/EVENT12/RM_TX-EN
The pin function is switched as shown below according to the PBnDDR bit. When using this
pin as the EVENT input pin, clear the PBnDDR bit to 0. These pins can be used as EtherC I/O
pins when the EtherC is enabled.
EtherC,
E-DMAC
Either of them is stopped
Both of then are
stopped
PBnDDR
0
1
X
Event
counter
Disabled
Enabled
X
X
Pin
function
PBn input pin
EVENTm input
pin
PBn output pin
RM_xxxx
EtherC I/O pin
[Legend]
n = 7 to 4, m = 15 to 12, X: Don't care.
Note:
*
See section 7.3, DTC Event Counter, for the event counter settings.
• PB3/EVENT11/DB3/RM_RXD1, PB2/EVENT10/DB2/RM_RXD0,
PB1/EVENT9/DB1/RM_TXD1, PB0/EVENT8/DB0/RM_TXD0
The pin function is switched as shown below according to the combination of the module stop
state in the EtherC, E-DMAC, the PBnDDR bit and the PBnNCE bit.
EtherC,
E-DMAC
Either of them is stopped
Both of then are
stopped
PBnDDR
0
1
X
Event
counter
Disabled
Enabled
X
X
PBnNCE
0
1
X
X
X
Pin
function
PBn input pin
EVENTm input
pin
PBn output pin
RM_xxxx
EtherC I/O pin
[Legend]
n = 3 to 0, m = 11 to 8, X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com