Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 313 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 309Page - Renesas Technology Corp H8S/2472 Datasheet HTML 310Page - Renesas Technology Corp H8S/2472 Datasheet HTML 311Page - Renesas Technology Corp H8S/2472 Datasheet HTML 312Page - Renesas Technology Corp H8S/2472 Datasheet HTML 313Page - Renesas Technology Corp H8S/2472 Datasheet HTML 314Page - Renesas Technology Corp H8S/2472 Datasheet HTML 315Page - Renesas Technology Corp H8S/2472 Datasheet HTML 316Page - Renesas Technology Corp H8S/2472 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 265 of 1198
REJ09B0403-0200
(3) Port E Input Data Register (PEPIN)
PEPIN indicates the pin states of port E.
Bit
Bit Name
Initial Value
R/W
Description
7
PE7PIN
Undefined*
R
6
PE6PIN
Undefined*
R
5
PE5PIN
Undefined*
R
4
PE4PIN
Undefined*
R
3
PE3PIN
Undefined*
R
2
PE2PIN
Undefined*
R
1
PE1PIN
Undefined*
R
0
PE0PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PEDDR, writing to this register writes data to PEDDR
and the port E setting is changed.
Note:
The initial value of these pins is determined in accordance with the state of pins PE7 to
PE0.
(4) Pin Functions
Port E pins can also function as LPC input/output pins. The pin function is switched according to
whether the LPC module is enabled or disabled. The LPC is disabled when all of the bits LPC1E,
LPC2E, and LPC3E in HICR0 and SCIFE in HICR5 are cleared to 0.
• PE7/SERIRQ
The pin function is switched as shown below according to whether the LPC is enabled or
disabled and the PE7DDR bit.
LPC
Disabled
Enabled
PE7DDR
0
1
X
Pin function
PE7 input pin
PE7 output pin
SERIRQ input/output pin
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com