Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 310 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 306Page - Renesas Technology Corp H8S/2472 Datasheet HTML 307Page - Renesas Technology Corp H8S/2472 Datasheet HTML 308Page - Renesas Technology Corp H8S/2472 Datasheet HTML 309Page - Renesas Technology Corp H8S/2472 Datasheet HTML 310Page - Renesas Technology Corp H8S/2472 Datasheet HTML 311Page - Renesas Technology Corp H8S/2472 Datasheet HTML 312Page - Renesas Technology Corp H8S/2472 Datasheet HTML 313Page - Renesas Technology Corp H8S/2472 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 262 of 1198
REJ09B0403-0200
• PD4/CLKRUN
The pin function is switched as shown below according to the PD4DDR bit. This pin can be
used as the
CLKRUN input pin when the LPC is enabled.
LPC
Disabled
Enabled
PD4DDR
0
1
0
Pin function
PD4 input pin
PD4 output pin
CLKRUN input/output pin
• PD3/GA20
The pin function is switched as shown below according to the combination of the FGA20E bit
in HICR0 of the LPC and the PD3DDR bit.
FGA20E
0
1
PD3DDR
0
1
0
Pin function
PD3 input pin
PD3 output pin
GA20 output pin
• PD2/PME
The pin function is switched as shown below according to the combination of the PMEE bit in
HICR0 of the LPC and the PD2DDR bit.
PMEE
0
1
PD2DDR
0
1
0
Pin function
PD2 input pin
PD2 output pin
PME output pin
• PD1/LSMI
The pin function is switched as shown below according to the combination of the LSMIE bit in
HICR0 of the LPC and the PD1DDR bit.
LSMIE
0
1
PD1DDR
0
1
0
Pin function
PD1 input pin
PD1 output pin
LSMI output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com