Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 256 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 252Page - Renesas Technology Corp H8S/2114R Datasheet HTML 253Page - Renesas Technology Corp H8S/2114R Datasheet HTML 254Page - Renesas Technology Corp H8S/2114R Datasheet HTML 255Page - Renesas Technology Corp H8S/2114R Datasheet HTML 256Page - Renesas Technology Corp H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp H8S/2114R Datasheet HTML 259Page - Renesas Technology Corp H8S/2114R Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 208 of 986
REJ09B0098-0300
• PB1/ WUE1/LSCI
The pin function is switched as shown below according to the combination of the LSCIE bit in
HICR0 of LPC and the PB1DDR bit. When the WUEM1 bit in WUEMRB of the interrupt
controller is cleared to 0, this pin can be used as the
WUE1 input pin.
LSCIE
0
1
PB1DDR
0
1
PB1 input pin
PB1 output pin
LSCI output pin
Pin function
WUE1 input pin
• PB0/WUE0/LSMI
The pin function is switched as shown below according to the combination of the LSMIE bit
in HICR0 of LPC and the PB0DDR bit. When the WUEM0 bit in WUEMRB of the interrupt
controller is cleared to 0, this pin can be used as the
WUE0 input pin.
LSMIE
0
1
PB0DDR
0
1
PB0 input pin
PB0 output pin
LSMI output pin
Pin function
WUE0 input pin
8.11.5
Port B Input Pull-Up MOS
Port B has a built-in input pull-up MOS that can be controlled by software. Table 8.7 summarizes
the input pull-up MOS states.
Table 8.7
Port B Input Pull-Up MOS States
Reset
Hardware Standby
Mode
Software Standby
Mode
In Other Operations
Off
Off
On/Off
On/Off
[Legend]
Off:
Always off.
On/Off: On when PBDDR = 0 and PBODR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com