Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 303 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 299Page - Renesas Technology Corp H8S/2114R Datasheet HTML 300Page - Renesas Technology Corp H8S/2114R Datasheet HTML 301Page - Renesas Technology Corp H8S/2114R Datasheet HTML 302Page - Renesas Technology Corp H8S/2114R Datasheet HTML 303Page - Renesas Technology Corp H8S/2114R Datasheet HTML 304Page - Renesas Technology Corp H8S/2114R Datasheet HTML 305Page - Renesas Technology Corp H8S/2114R Datasheet HTML 306Page - Renesas Technology Corp H8S/2114R Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1038 page
background image
Section 9 8-Bit PWM Timer (PWM)
Rev. 3.00 Jul. 14, 2005 Page 255 of 986
REJ09B0098-0300
The lower four bits of PWDR specify the position of pulses added to the 16 basic pulses. An
additional pulse adds a high period (when OS = 0) with a width equal to the resolution before the
rising edge of a basic pulse. When the upper four bits of PWDR are B'0000, there is no rising edge
of the basic pulse, but the timing for adding pulses is the same. Table 9.5 shows the positions of
the additional pulses added to the basic pulses, and figure 9.2 shows an example of additional
pulse timing.
Table 9.5
Position of Pulses Added to Basic Pulses
Basic Pulse No.
Lower 4 Bits 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B'0000
B'0001
Yes
B'0010
Yes
Yes
B'0011
Yes
Yes
Yes
B'0100
Yes
Yes
Yes
Yes
B'0101
Yes
Yes
Yes
Yes
Yes
B'0110
Yes
Yes
Yes
Yes
Yes
Yes
B'0111
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B'1000
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B'1001
Yes
Yes
Yes
Yes
Yes
Yes
Yes Yes Yes
B'1010
Yes
Yes
Yes Yes Yes
Yes
Yes
Yes Yes Yes
B'1011
Yes
Yes
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
B'1100
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
B'1101
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes Yes Yes Yes Yes
B'1110
Yes Yes Yes Yes Yes Yes Yes
Yes Yes Yes Yes Yes Yes Yes
B'1111
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
No additional pulse
With additional pulse
Resolution width
Additioal pulse
Figure 9.2 Example of Additional Pulse Timing (When Upper 4 Bits of PWDR = B'1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com