Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 154 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 150Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 151Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 152Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 153Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 154Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 155Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 156Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 157Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 332 page
background image
136
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Idle
The processor does not drive the system bus in the Idle state
and remains in this state until a new bus cycle is requested. The
processor enters this state off the clock edge on which the last
BRDY# of a cycle is sampled asserted during the following
conditions:
s
The processor is in the Data state
s
The processor is in the Data-NA# Requested state and no
internal pending cycle is requested
In addition, the processor is forced into this state when the
system logic asserts RESET or BOFF#. The transition to this
state occurs on the clock edge on which RESET or BOFF# is
sampled asserted.
Address
In this state, the processor drives ADS# to indicate the
beginning of a new bus cycle by validating the address and
control signals. The processor remains in this state for one clock
and unconditionally enters the Data state on the next clock
edge.
Data
In the Data state, the processor drives the data bus during a
write cycle or expects data to be returned during a read cycle.
The processor remains in this state until either NA# or the last
BRDY# is sampled asserted. If the last BRDY# is sampled
asserted or both the last BRDY# and NA# are sampled asserted
on the same clock edge, the processor enters the Idle state. If
NA# is sampled asserted first, the processor enters the
Data-NA# Requested state.
Data-NA# Requested
If the processor samples NA# asserted while in the Data state
and the current bus cycle is not completed (the last BRDY# is
not sampled asserted), it enters the Data-NA# Requested state.
The processor remains in this state until either the last BRDY#
is sampled asserted or an internal pending cycle is requested. If
the last BRDY# is sampled asserted before the processor drives
a new bus cycle, the processor enters the Idle state (no internal
pending cycle is requested) or the Address state (processor has
a internal pending cycle).
Pipeline Address
In this state, the processor drives ADS# to indicate the
beginning of a new bus cycle by validating the address and
control signals. In this state, the processor is still waiting for the
current bus cycle to be completed (until the last BRDY# is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com