Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 156 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 152Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 153Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 154Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 155Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 156Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 157Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 158Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 159Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 332 page
background image
138
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
6.3
Memory Reads and Writes
The AMD-K6-2E processor performs single or burst memory bus
cycles.
s
The single-transfer memory bus cycle transfers 1, 2, 4, or 8
bytes and requires a minimum of two clocks.
s
Misaligned instructions or operands result in a split cycle,
which requires multiple transactions on the bus.
s
A burst cycle consists of four back-to-back 8-byte (64-bit)
transfers on the data bus.
Single-Transfer
Memory Read and
Write
Figure 52 on page 139 shows a single-transfer read from memory,
followed by two single-transfer writes to memory. For the
memory read cycle, the processor asserts ADS# for one clock to
validate the bus cycle and also drives A[31:3], BE[7:0]#, D/C#,
W/R#, and M/IO# to the bus. The processor then waits for the
system logic to return the data on D[63:0] (with DP[7:0] for
parity checking) and assert BRDY#. The processor samples
BRDY# on every clock edge starting with the clock edge after
the clock edge that negates ADS#. See “BRDY# (Burst Ready)”
on page 95.
During the read cycle, the processor drives PCD, PWT, and
CACHE# to indicate its caching and cache-coherency intent for
the access. The system logic returns KEN# and WB/WT# to
either confirm or change this intent. If the processor asserts
PCD and negates CACHE#, the accesses are noncacheable, even
though the system logic asserts KEN# during the BRDY# to
indicate its support for cacheability. The processor (which
drives CACHE#) and the system logic (which drives KEN#) must
agree in order for an access to be cacheable.
The processor can drive another cycle (in this example, a write
cycle) by asserting ADS# off the next clock edge after BRDY# is
sampled asserted. Therefore, an idle clock is guaranteed
between any two bus cycles. The processor drives D[63:0] with
valid data one clock edge after the clock edge on which ADS# is
asserted. To minimize processor idle times, the system logic
stores the address and data in write buffers, returns BRDY#, and
performs the store to memory later. If the processor samples
EWBE# negated during a write cycle, it suspends certain
activities until EWBE# is sampled asserted. See “EWBE#
(External Write Buffer Empty)” on page 102. In Figure 52, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com