Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 155 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 155 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 151Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 152Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 153Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 154Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 155Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 156Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 157Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 158Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 159Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 332 page
background image
Chapter 6
Bus Cycles
137
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
sampled asserted). If the last BRDY# is not sampled asserted,
the processor enters the Pipeline Data state.
If the processor samples the last BRDY# asserted in this state, it
determines if a bus transition is required between the current
bus cycle and the pipelined bus cycle. A bus transition is
required when the data bus direction changes between bus
cycles, such as a memory write cycle followed by a memory read
cycle. If a bus transition is required, the processor enters the
Transition state for one clock to prevent data bus contention. If
a bus transition is not required, the processor enters the Data
state.
The processor does not transition to the Data-NA# Requested
state from the Pipeline Address state because the processor
does not begin sampling NA# until it has exited the Pipeline
Address state.
Pipeline Data
Two bus cycles are executing concurrently in this state. The
processor cannot issue any additional bus cycles until the
current bus cycle is completed. The processor drives the data
bus during write cycles or expects data to be returned during
read cycles for the current bus cycle until the last BRDY# of the
current bus cycle is sampled asserted.
If the processor samples the last BRDY# asserted in this state, it
determines if a bus transition is required between the current
bus cycle and the pipelined bus cycle. If the bus transition is
required, the processor enters the Transition state for one clock
to prevent data bus contention. If a bus transition is not
required, the processor enters the Data state (NA# was not
sampled asserted) or the Data-NA# Requested state (NA# was
sampled asserted).
Transition
The processor enters the Transition state for one clock during
data bus transitions and enters the Data state on the next clock
edge if NA# is not sampled asserted. The sole purpose of this
state is to avoid bus contention caused by bus transitions during
pipeline operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com