Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 178 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 178 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 174Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 175Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 176Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 177Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 178Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 179Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 180Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 181Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 182Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 332 page
background image
160
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
AHOLD Restriction
When the system logic drives an AHOLD-initiated inquire
cycle, it must assert AHOLD for at least two clocks before it
asserts EADS#. This requirement guarantees the processor
recognizes and responds to the inquire cycle properly. The
processor’s 32 address bus drivers turn on almost immediately
after AHOLD is sampled negated. If the processor switches the
data bus (D[63:0] and DP[7:0]) during a write cycle off the same
clock edge that switches the address bus (A[31:3] and AP), the
processor switches 102 drivers simultaneously, which can lead
to ground-bounce spikes. Therefore, before negating AHOLD,
the following restrictions must be observed by the system logic:
s
When the system logic negates AHOLD during a write cycle,
it must ensure that AHOLD is not sampled negated on the
clock edge on which BRDY# is sampled asserted (See Figure
64 on page 161).
s
When the system logic negates AHOLD during a writeback
cycle, it must ensure that AHOLD is not sampled negated on
the clock edge on which ADS# is negated (See Figure 64).
s
When a write cycle is pipelined into a read cycle, AHOLD
must not be sampled negated on the clock edge after the
clock edge on which the last BRDY# of the read cycle is
sampled asserted. This avoids the processor simultaneously
driving the data bus (for the pending write cycle) and the
address bus off this same clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com