Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 180 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 180 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 176Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 177Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 178Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 179Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 180Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 181Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 182Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 183Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 184Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 332 page
background image
162
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Bus Backoff (BOFF#)
BOFF# provides the fastest response among bus-hold inputs.
Either the system logic or another bus master can assert BOFF#
to gain control of the bus immediately. BOFF# is also used to
resolve potential deadlock problems that arise as a result of
inquire cycles. The processor samples BOFF# on every clock
edg e . If BOFF# is sampl e d asserted, the pr oc ess o r
unconditionally aborts any cycles in progress and transitions to
a Bus Hold state. (See “BOFF# (Backoff)” on page 94.) Figure
65 on page 163 shows a read cycle that is aborted when the
processor samples BOFF# asserted even though BRDY# is
sampled asserted on the same clock edge. The read cycle is
restarted after BOFF# is sampled negated (KEN# must be in
the same state during the restarted cycle as its state during the
aborted cycle).
During a BOFF#-initiated inquire cycle that hits a shared or
exclusive line, the processor samples BOFF# negated and
restarts any bus cycle that was aborted when BOFF# was
asserted. If a BOFF#-initiated inquire cycle hits a modified line,
the processor performs a writeback cycle before it restarts the
aborted cycle.
If the processor samples BOFF# asserted on the same clock
edge that it asserts ADS#, ADS# is floated but the system logic
may erroneously interpret ADS# as asserted. In this case, the
system logic must properly interpret the state of ADS# when
BOFF# is negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com