Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 194 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 194 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 190Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 191Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 192Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 193Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 194Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 195Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 196Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 197Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 198Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 332 page
background image
176
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
INIT-Initiated
Transition from
Protected Mode to
Real Mode
INIT is typically asserted in response to a BIOS interrupt that
writes to an I/O port. This interrupt is often in response to a
Ctrl-Alt-Del keyboard input. The BIOS writes to a port (similar
to port 64h in the keyboard controller) that asserts INIT. INIT is
also used to support 80286 software that must return to real
mode after accessing extended memory in protected mode.
The assertion of INIT causes the processor to empty its
pipelines, initialize most of its internal state, and branch to
address FFFF_FFF0h—the same instruction execution starting
point use d afte r R ESET. Unlike R ESET, the processo r
preserves the contents of its caches, the Floating-Point state,
the MMX state, Model-Specific Registers (MSRs), the CD and
NW bits of the CR0 register, the time stamp counter, and other
specific internal resources.
Figure 73 on page 177 shows an example in which the operating
system writes to an I/O port, causing the system logic to assert
INIT. The sampling of INIT asserted starts an extended
microcode sequence that terminates with a code fetch from
FFFF_FFF0h, the reset location. INIT is sampled on every clock
edge but is not recognized until the next instruction boundary.
During an I/O write cycle, it must be sampled asserted a
minimum of three clock edges before BRDY# is sampled
asserted if it is to be recognized on the boundary between the
I/O write instruction and the following instruction. If INIT is
asserted synchronously, it can be asserted for a minimum of one
clock. If it is asserted asynchronously, it must have been
negated for a minimum of two clocks, followed by an assertion
of a minimum of two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com