Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 217 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 217 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 213Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 214Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 215Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 216Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 217Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 218Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 219Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 220Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 221Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 332 page
background image
Chapter 8
Cache Organization
199
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
8.10
Cache Coherency
Different methods exist to maintain coherency between the
system memory and cache memories. Inquire cycles, internal
snoops, FLUSH#, WBINVD, INVD, and line replacements all
prevent inconsistencies between memories.
Inquire Cycles
Inquire cycles are bus cycles initiated by system logic. These
inquiries ensure coherency between the caches and main
memory. In systems with multiple caching masters, system logic
maintains cache coherency by driving inquire cycles to the
processor. System logic initiates inquire cycles by asserting
AHOLD, BOFF#, or HOLD to obtain control of the address bus
and then driving EADS#, INV (optional), and an inquire
address (A[31:5]).
This type of bus cycle causes the processor to compare the tags
for both its instruction and data caches with the inquire
address.
s
If there is a hit to a shared or exclusive line in the data cache
or a valid line in the instruction cache, the processor asserts
HIT#.
s
If the compare hits a modified line in the data cache, the
processor asserts HIT# and HITM#. If HITM# is asserted, the
processor writes the modified line back to memory.
s
If INV was sampled asserted with EADS#, a hit invalidates
the line.
s
If INV was sampled negated with EADS#, a hit leaves the
line in the Shared state or transitions it from the Exclusive
or Modified to Shared state.
Table 35 on page 202 shows the effects of inquire cycles—
performed with INV equal to 0 (non-validating) and INV equal
to 1 (invalidating) snoops and invalidations.
Internal Snooping
Internal snooping is initiated by the processor (rather than
system logic) during certain cache accesses. It is used to
maintain coherency between the L1 instruction and data
caches.
The processor automatically snoops its instruction cache during
read or write misses to its data cache, and it snoops its data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com