Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 214 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 214 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 210Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 211Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 212Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 213Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 214Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 215Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 216Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 217Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 332 page
background image
196
Cache Organization
Chapter 8
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
The following list corresponds to the items in Figure 77 on page
195:
1. CD Bit of CR0—When the Cache Disable (CD) bit within
control register 0 (CR0) is 1, the cache fill mechanism for
both reads and writes is disabled, and write allocate does
not occur.
2. PCD Signal—When the PCD (page cache disable) signal is
driven High, caching for that page is disabled even if KEN#
is sampled asserted, and write allocate does not occur.
3. CI Bit of TR12—When the cache inhibit bit of test register 12
is 1, L1 cache fills are disabled, and write allocate does not
occur.
4. UC or WC—If a pending write cycle addresses a region of
memory defined as write combinable or uncacheable by an
MTRR, write allocates are not performed in that region.
5. Write to a Cacheable Page (CCR)—A write allocate is
performed if the processor knows that a page is cacheable.
The CCR is used to store the page address of the last cache
fill for a read miss. See “Write to a Cacheable Page” on page
193 for a detailed description of this condition.
6. Write to a Sector—A write allocate is performed if the
address of a pending write cycle matches the tag address of a
valid cache sector, but the addressed cache line within the
sector is invalid. See “Write to a Sector” on page 193 for a
detailed description of this condition.
7. Less Than Limit (WAELIM)—The write allocate limit
mechanism determines if the memory area being addressed
is less than the limit set in the WAELIM field of WHCR. If
the address is less than the limit, write allocate for that
memory address is performed as long as conditions 8
through 10 do not prevent write allocate (even if conditions
8 and 10 attempt to prevent write allocate, condition 5 or 6
allows write allocates to occur).
8. Between 640 Kbytes and 1 Mbyte —Write allocate is not
performed in the memory area between 640 Kbytes and 1
Mbyte. It is not considered safe to perform write allocations
between
640
Kbytes
and
1
Mbyte
(000A_0000h
to
000F_FFFFh) because this area of memory is considered a
noncacheable region of memory (even if condition 8
attempts to prevent write allocate, condition 5 or 6 allows
write allocate to occur).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com