Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 213 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 213 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 209Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 210Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 211Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 212Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 213Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 214Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 215Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 216Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 217Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 332 page
background image
Chapter 8
Cache Organization
195
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
write allocates can still occur between 15 Mbytes and 16
Mbytes due to the “Write to a Cacheable Page” and “Write to a
Sector” mechanisms). The WAE15M bit is ignored if the value
in the WAELIM field is less than 16 Mbytes.
By definition, a write allocate is never performed in the
memory area between 640 Kbytes and 1 Mbyte unless the
processor determines a pending write cycle is cacheable by
means of one of the other write allocate mechanisms —“Write
to a Cacheable Page” and “Write to a Sector”. It is not
considered safe to perform write allocations between 640
Kbytes and 1 Mbyte (000A_0000h to 000F_FFFFh) because it is
considered a noncacheable region of memory.
If a memory region is defined as w rite- combin ab le or
uncacheable by a MTRR, write allocates are not performed in
that region.
Write Allocate Logic
Mechanisms and
Conditions
Figure 77 shows the logic flow for all the mechanisms involved
with write allocate for memory bus cycles. The left side of the
diagram (the text) describes the conditions that need to be true
for the value of that line to be a 1. Items 1–4 of the diagram are
related to general cache operation and items 5–10 are related to
the write allocate mechanisms.
Fo r mor e inf o r m a t i o n a b out wri t e all o c a te, see the
Implementation of Write Allocate in the K86™ Processors
Application Note, order #21326.
Figure 77. Write Allocate Logic Mechanisms and Conditions
1) CD Bit of CR0
Perform
Write Allocate
3) CI Bit of TR12
2) PCD Signal
5) Write to Cacheable Page (CCR)
6) Write to a Sector
8) Between 640 Kbytes and 1 Mbyte
7) Less Than Limit (WAELIM)
9) Between 15–16 Mbytes
10) Write Allocate Enable 15–16 Mbyte (WAE15M)
4) UC or WC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com