Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 249 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 249 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 247Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 248Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 249Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 250Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 251Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 252Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 253Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 332 page
background image
Chapter 12
Test and Debug
231
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
TAP Registers
The AMD-K6-2E processor provides an Instruction register (IR)
and thr e e Te st Data register s (TD R ) to su pport the
boundary-scan architecture. The IR and one of the TDRs —the
Boundary-Scan register (BSR) — consist of a shift register and
an output register. The shift register is loaded in parallel in the
Capture states. (See “TAP Controller State Machine” on page
236 for a description of the TAP controller states.) In addition,
the shift register is loaded and shifted serially in the Shift
states. The output register is loaded in parallel from its
corresponding shift register in the Update states.
Instruction Register (IR). The IR is a 5-bit register, without parity,
that determines which instruction to run and which test data
register to select. When the TAP controller enters the
Capture-IR state, the processor loads the following bits into the
IR shift register:
s
01b—Loaded into the two least significant bits, as specified
by the IEEE 1149.1 standard
s
000b—Loaded into the three most significant bits
Loading 00001b into the IR shift register during the Capture-IR
state results in loading the SAMPLE/PRELOAD instruction.
For each entry into the Shift-IR state, the IR shift register is
serially shifted by one bit toward the TDO pin. During the shift,
the most significant bit of the IR shift register is loaded from
the TDI pin.
The IR output register is loaded from the IR shift register in the
Update-IR state, and the current instruction is defined by the IR
output register. See “TAP Instructions” on page 235 for a list and
definition of the instructions supported by the AMD-K6-2E
processor.
Boundary Scan Register (BSR). The Boundary Scan Register is a Test
Da ta reg ister consisting o f the inte rconnection of 152
boundary-scan cells. Each output and bidirectional pin of the
processor requires a two-bit cell, where one bit corresponds to
the pin and the other bit is the output enable for the pin. When
a 0 is shifted into the enable bit of a cell, the corresponding pin
is floated, and when a 1 is shifted into the enable bit, the pin is
driven valid. Each input pin requires a one-bit cell that
corresponds to the pin. The last cell of the BSR is reserved and
does not correspond to any processor pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com