Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 245 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 245 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 241Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 242Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 247Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 248Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 249Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 332 page
background image
Chapter 12
Test and Debug
227
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
12
Test and Debug
The AMD-K6-2E processor implements various test and debug
modes to enable the functional and manufacturing testing of
systems and boards that use the processor. In addition, the
debug features of the processor allow designers to debug the
instruction execution of software components. This chapter
describes the following test and debug features:
s
Built-In Self-Test (BIST)—The BIST, which is invoked after
the falling transition of RESET, runs internal tests that
exercise most on-chip RAM structures.
s
Three-State Test Mode—A test mode that causes the
processor to float its output and bidirectional pins.
s
Boundary-Scan Test Access Port (TAP) —The Joint Test
Action Group (JTAG) test access function defined by the
IEEE
Standard
Test
Access
Port
and
Boundary-Scan
Architecture (IEEE 1149.1-1990) specification.
s
Level-One (L1) Cache Inhibit—A feature that disables the
processor’s internal L1 instruction and data caches.
s
Debug Support —Consists of all x86-compatible software
debug features, including the debug extensions.
12.1
Built-In Self-Test (BIST)
Following the falling transition of RESET, the processor
unconditionally runs its built-in self test (BIST). The internal
resources tested during BIST include the following:
s
L1 instruction and data caches
s
Instruction and Data Translation Lookaside Buffers (TLBs)
The contents of the EAX general-purpose register after the
completion of reset indicate if the BIST was successful.
s
If EAX contains 0000_0000h, then BIST was successful.
s
If EAX is non-zero, the BIST failed.
Following the completion of the BIST, the processor jumps to
address FFFF_FFF0h to start instruction execution, regardless
of the outcome of the BIST. The BIST takes approximately
295,000 processor clocks to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com