Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 246 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 246 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 242Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 243Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 244Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 245Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 246Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 247Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 248Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 249Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 250Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 332 page
background image
228
Test and Debug
Chapter 12
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
12.2
Three-State Test Mode
The three-state test mode causes the processor to float its
output and bidirectional pins, which is useful for board-level
manu fa c turing t e sting . I n t h is m o de, t he proc esso r is
electrically isolated from other components on a system board,
allowing automated test equipment (ATE) to test components
that drive the same signals as those the processor floats.
If the FLUSH# signal is sampled Low during the falling
transition of RESET, the processor enters the three-state test
mode. (See “FLUSH# (Cache Flush)” on page 104 for the
specific sampling requirements.) The signals floated in the
three-state test mode are as follows:
The VCC2DET, VCC2H/L#, and TDO signals are the only
outputs not floated in the three-state test mode.
s
VCC2DET and VCC2H/L# must remain Low to ensure the
system continues to supply the specified processor core
voltage to the VCC2 pins.
s
TDO is never floated because the boundary-scan Test Access
Port must remain enabled at all times, including during the
three-state test mode.
The three-state test mode is exited when the processor samples
RESET asserted.
s
A[31:3]
s
D/C#
s
M/IO#
s
ADS#
s
D[63:0]
s
PCD
s
ADSC#
s
DP[7:0]
s
PCHK#
s
AP
s
FERR#
s
PWT
s
APCHK#
s
HIT#
s
SCYC
s
BE[7:0]#
s
HITM#
s
SMIACT#
s
BREQ
s
HLDA
s
W/R#
s
CACHE#
s
LOCK#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com