Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 254 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 254 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 250Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 251Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 252Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 253Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 254Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 255Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 256Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 257Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 258Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 332 page
background image
236
Test and Debug
Chapter 12
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
SAMPLE/PRELOAD Instruction. The SAMPLE/PRELOAD instruction
performs two functions. These functions are as follows:
s
During the Capture-DR state, the processor loads the BSR
shift register with the current state of every input, output,
and bidirectional pin.
s
During the Update-DR state, the BSR output register is
loaded from the BSR shift register in preparation for the
next EXTEST instruction.
The SAMPLE/PRELOAD instruction does not affect the normal
operational state of the processor.
BYPASS Instruction. The BYPASS instruction selects the BR
register, which reduces the boundary-scan length through the
processor from 281 to one (TDI to BR to TDO). The BYPASS
instruction does not affect the normal operational state of the
processor.
IDCODE Instruction. The IDCODE instruction selects the DIR
register, allowing the device identification code to be shifted
out of the processor. This instruction is loaded into the IR when
the TAP controller is reset. The IDCODE instruction does not
affect the normal operational state of the processor.
HIGHZ Instruction. The HIGHZ instruction forces all output and
bidirectional pins to be floated. During this instruction, the BR
is selected and the normal operational state of the processor is
not affected.
TAP Controller State
Machine
The TAP controller state diagram is shown in Figure 82 on page
237. State transitions occur on the rising edge of TCK. The logic
0 or 1 next to the states represents the value of the TMS signal
sampled by the processor on the rising edge of TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com