Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 257 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 257 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 253Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 254Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 255Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 256Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 257Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 258Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 259Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 260Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 261Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 332 page
background image
Chapter 12
Test and Debug
239
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
The following states have no effect on the normal or test
operation of the processor other than as shown in Figure 82 on
page 237:
s
Run-Test/Idle—This state is an idle state between scan
operations.
s
Select-DR-Scan—This is the initial state of the test data
register state transitions.
s
Select-IR-Scan—This is the initial state of the Instruction
Register state transitions.
s
Exit1-DR—This state is entered to terminate the shifting
process and enter the Update-DR state.
s
Exit1-IR—This state is entered to terminate the shifting
process and enter the Update-IR state.
s
Pause-DR—This state is entered to temporarily stop the
shifting process of a test data register.
s
Pause-IR—This state is entered to temporarily stop the
shifting process of the instruction register.
s
Exit2-DR—This state is entered in order to either terminate
the shifting process and enter the Update-DR state or to
resume shifting following the exit from the Pause-DR state.
s
Exit2-IR—This state is entered in order to either terminate
the shifting process and enter the Update-IR state or to
resume shifting following the exit from the Pause-IR state.
12.4
L1 Cache Inhibit
The AMD-K6-2E processor provides a means for inhibiting the
normal operation of its L1 instruction and data caches while
still supporting an external level-2 (L2) cache. This capability
allows system designers to disable the L1 cache during the
testing and debug of an L2 cache.
If the Cache Inhibit bit (bit 3) of test register 12 (TR12) is 0, the
processor’s L1 cache is enabled and operates as described in
“Cache Organization” on page 185. If the Cache Inhibit bit is 1,
the L1 cache is disabled and no new cache lines are allocated.
Even though new allocations do not occur, valid L1 cache lines
remain valid and are read by the processor when a requested
address hits a cache line. In addition, the processor continues to
support inquire cycles initiated by the system logic, including



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com