Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 256 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 256 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 252Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 253Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 254Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 255Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 256Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 257Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 258Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 259Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 260Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 332 page
background image
238
Test and Debug
Chapter 12
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
The states of the TAP controller are described as follows:
Test-Logic-Reset. This state represents the initial reset state of the
TAP controller and is entered when the processor samples
RESET asserted, when TRST# is asynchronously asserted, and
when TMS is sampled High for five or more consecutive clocks.
In addition, this state can be entered from the Select-IR-Scan
state. The IR is initialized with the IDCODE instruction, and
the processor’s normal operation is not affected in this state.
Capture-DR. During the SAMPLE/PRELOAD instruction, the
processor loads the BSR shift register with the current state of
every input, output, and bidirectional pin. During the EXTEST
instruction, the processor loads the BSR shift register with the
current state of every input and bidirectional pin.
Capture-IR. When the TAP controller enters the Capture-IR state,
the processor loads 01b into the two least significant bits of the
IR shift register and loads 000b into the three most significant
bits of the IR shift register.
Shift-DR. While in the Shift-DR state, the selected TDR shift
register is serially shifted toward the TDO pin. During the shift,
the most significant bit of the TDR is loaded from the TDI pin.
Shift-IR. While in the Shift-IR state, the IR shift register is
serially shifted toward the TDO pin. During the shift, the most
significant bit of the IR is loaded from the TDI pin.
Update-DR. During the SAMPLE/PRELOAD instruction, the BSR
output register is loaded with the contents of the BSR shift
register. During the EXTEST instruction, the output pins, as
well as those bidirectional pins defined as outputs, are driven
with their corresponding values from the BSR output register.
Update-IR. In this state, the IR output register is loaded from the
IR shift register, and the current instruction is defined by the
IR output register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com